| Moteur de recherche de fiches techniques de composants électroniques |
|
2020 Fiches technique(PDF) 1 Page - THOR communications |
|
|
|||||||||||||||||||||||||||||
2020 Fiches technique(HTML) 1 Page - THOR communications |
|
|
1 / 1 page ![]() Ø Of Face Weight Price Each Model (mm) (in) (gm) Order Code 1010 32 11⁄4 525 138-1112 1212 38 11⁄2 750 138-1113 1414 44 13⁄4 950 138-1115 1616 50 2 1250 138-1138 2020 63 21⁄2 2000 138-1139 Ø Of Face Nylon Price Each (mm) (in) Order Code 32 11⁄4 106-559 38 11⁄2 106-562 44 13⁄4 106-564 50 2 138-1099 63 21⁄2 138-1137 Ø Of Face Polyurethane Price Each (mm) (in) Order Code 32 11⁄4 138-1150 38 11⁄2 106-563 44 13⁄4 106-565 50 2 138-1151 63 21⁄2 138-1152 Dead Blow Nylon Hammers Die-cast one piece head and handle of aluminium alloy. Fitted with shock absorb- ent rubber grip. Screw-in faces of special nylon. The hollow head is partially filled with shot which adds to the weight and prevents re-bound. Allowing heavy and ef- fective blows with maximum impact con- trol. 495312 Replacement Faces |
Numéro de pièce similaire - 2020 |
|
Description similaire - 2020 |