| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103RCT6 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103RCT6 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 130 page ![]() Pinouts and pin descriptions STM32F103xC, STM32F103xD, STM32F103xE 32/130 Doc ID 14611 Rev 8 H5 - - - - 51 VSS_6 SVSS_6 G5 - - - - 52 VDD_6 SVDD_6 K5 - - - - 53 PF13 I/O FT PF13 FSMC_A7 M6 - - - - 54 PF14 I/O FT PF14 FSMC_A8 L6 - - - - 55 PF15 I/O FT PF15 FSMC_A9 K6 - - - - 56 PG0 I/O FT PG0 FSMC_A10 J6 - - - - 57 PG1 I/O FT PG1 FSMC_A11 M7 H5 - - 38 58 PE7 I/O FT PE7 FSMC_D4 TIM1_ETR L7 J5 - - 39 59 PE8 I/O FT PE8 FSMC_D5 TIM1_CH1N K7 K5 - - 40 60 PE9 I/O FT PE9 FSMC_D6 TIM1_CH1 H6 - - - - 61 VSS_7 SVSS_7 G6 - - - - 62 VDD_7 SVDD_7 J7 G6 - - 41 63 PE10 I/O FT PE10 FSMC_D7 TIM1_CH2N H8 H6 - - 42 64 PE11 I/O FT PE11 FSMC_D8 TIM1_CH2 J8 J6 - - 43 65 PE12 I/O FT PE12 FSMC_D9 TIM1_CH3N K8 K6 - - 44 66 PE13 I/O FT PE13 FSMC_D10 TIM1_CH3 L8 G7 - - 45 67 PE14 I/O FT PE14 FSMC_D11 TIM1_CH4 M8 H7 - - 46 68 PE15 I/O FT PE15 FSMC_D12 TIM1_BKIN M9 J7 G3 29 47 69 PB10 I/O FT PB10 I2C2_SCL/USART3_TX(8) TIM2_CH3 M10 K7 F3 30 48 70 PB11 I/O FT PB11 I2C2_SDA/USART3_RX(8) TIM2_CH4 H7 E7 H2 31 49 71 VSS_1 SVSS_1 G7 F7 H1 32 50 72 VDD_1 SVDD_1 M11 K8 G2 33 51 73 PB12 I/O FT PB12 SPI2_NSS/I2S2_WS/ I2C2_SMBA/ USART3_CK(8)/ TIM1_BKIN(8) M12 J8 G1 34 52 74 PB13 I/O FT PB13 SPI2_SCK/I2S2_CK USART3_CTS(8)/ TIM1_CH1N L11 H8 F2 35 53 75 PB14 I/O FT PB14 SPI2_MISO/TIM1_CH2N USART3_RTS(8)/ L12 G8 F1 36 54 76 PB15 I/O FT PB15 SPI2_MOSI/I2S2_SD TIM1_CH3N(8)/ L9 K9 - - 55 77 PD8 I/O FT PD8 FSMC_D13 USART3_TX K9 J9 - - 56 78 PD9 I/O FT PD9 FSMC_D14 USART3_RX Table 5. High-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |