Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P172PCAF Fiches technique(PDF) 6 Page - Agere Systems

No de pièce P172PCAF
Description  P172-Type Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

P172PCAF Fiches technique(HTML) 6 Page - Agere Systems

  P172PCAF Datasheet HTML 1Page - Agere Systems P172PCAF Datasheet HTML 2Page - Agere Systems P172PCAF Datasheet HTML 3Page - Agere Systems P172PCAF Datasheet HTML 4Page - Agere Systems P172PCAF Datasheet HTML 5Page - Agere Systems P172PCAF Datasheet HTML 6Page - Agere Systems P172PCAF Datasheet HTML 7Page - Agere Systems P172PCAF Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Agere Systems Inc.
Advance Data Sheet
P172-Type Receiver
August 2001
Outline Diagrams (continued)
P172-Type Gull-Wing Package
Dimensions are in inches and (millimeters).
0.170
(4.32)
0.315
(8.00)
432 1
567 8
0.045 (1.14)
NOSE GEOMETRY
CONNECTOR
FIBER
0.900 M
BEND LIMITER
0.974
(24.74)
MIN.
0.565
(14.35)
0.144
(3.66)
0.010
(0.25)
0.195
(4.95)
0.016 (0.41) 8 PLACES
0.155
(3.94)
STANDOFF
0.010(0.25) MAX
0.079
(2.01)
0.431
(10.95)
FIBER LENGTH
0.047
± 0.008
(1.19
± 0.20)
0.100
(2.54)
MIN
0.020
± 0.005
(0.50)
LEAD TRIM
µ
1-1057F.a



Html Pages

1 2 3 4 5 6 7 8