| Moteur de recherche de fiches techniques de composants électroniques |
|
MMDFS2P102 Fiches technique(PDF) 11 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MMDFS2P102 Fiches technique(HTML) 11 Page - Motorola, Inc |
|
11 / 12 page ![]() MMDFS2P102 11 Motorola TMOS Product Preview Data mm inches 0.060 1.52 0.275 7.0 0.024 0.6 0.050 1.270 0.155 4.0 SO–8 FOOTPRINT PACKAGE DIMENSIONS CASE 751–05 SO – 08 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. SEATING PLANE 14 5 8 C K 4X P A 0.25 (0.010) M TB SS 0.25 (0.010) M B M 8X D R M J X 45 _ _ F –A– –B– –T– DIM MIN MAX MIN MAX INCHES MILLIMETERS A 4.80 5.00 0.189 0.196 B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.054 0.068 D 0.35 0.49 0.014 0.019 F 0.40 1.25 0.016 0.049 G 1.27 BSC 0.050 BSC J 0.18 0.25 0.007 0.009 K 0.10 0.25 0.004 0.009 M 0 7 0 7 P 5.80 6.20 0.229 0.244 R 0.25 0.50 0.010 0.019 _ __ _ G |