Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SWDB05V Fiches technique(PDF) 4 Page - Seoul Semiconductor

No de pièce SWDB05V
Description  Side View LED of Reflector type
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWDB05V Fiches technique(HTML) 4 Page - Seoul Semiconductor

  SWDB05V Datasheet HTML 1Page - Seoul Semiconductor SWDB05V Datasheet HTML 2Page - Seoul Semiconductor SWDB05V Datasheet HTML 3Page - Seoul Semiconductor SWDB05V Datasheet HTML 4Page - Seoul Semiconductor SWDB05V Datasheet HTML 5Page - Seoul Semiconductor SWDB05V Datasheet HTML 6Page - Seoul Semiconductor SWDB05V Datasheet HTML 7Page - Seoul Semiconductor SWDB05V Datasheet HTML 8Page - Seoul Semiconductor SWDB05V Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[4
4 /19]
/19]
SWDB05V
1.Description
• 1-chip in one package
• SMT solderability
• Own patent reserved
• RoHS Compliant
• Low Thermal Resistance
• Pb-free Reflow Soldering application
• SWDB05V is very useful side view LED in back light unit
application
•
Flat Backlighting (LCD, Display)
•
Mobile Phone, Camera, PDA,
Notebook
•
Coupling into Light Guide Panel
•
AV systems
Features
Applications
SWDB05V
• 3.8 (W) X 1.0 (D) X 0.8 (T) mm
• Side View LED of Reflector type
Photo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19