| Moteur de recherche de fiches techniques de composants électroniques |
|
STW8C2SA Fiches technique(PDF) 2 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
STW8C2SA Fiches technique(HTML) 2 Page - Seoul Semiconductor |
|
2 / 27 page ![]() SSC-QP-7-07-12 (Rev.01) SSC SSC--STW8C2SA STW8C2SA Jan 2013 Jan 2013 www.seoulsemicon.com www.seoulsemicon.com Features Applications Description • Lead Frame type LED PKG size: 3.0*3.0 thickness 0.65mm • White colored SMT package • Pb-free Reflow Soldering Application • RoHS compliant • Interior lighting • General lighting • Indoor and out door displays • Architectural / Decorative lighting STW8C2SA STW8C2SA This surface-mount LED comes in standard package dimension. It has a substrate made up of a molded plastic reflector sitting on top of a lead frame. The die is attached within the reflector cavity and the cavity is encapsulated by silicone. The package design coupled with careful selection of component materials allow these products to perform with high reliability. |