Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LUCL9500AGF-DT Fiches technique(PDF) 28 Page - Agere Systems

No de pièce LUCL9500AGF-DT
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

LUCL9500AGF-DT Fiches technique(HTML) 28 Page - Agere Systems

Back Button LUCL9500AGF-DT Datasheet HTML 24Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 25Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 26Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 27Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 28Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 29Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 30Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 31Page - Agere Systems LUCL9500AGF-DT Datasheet HTML 32Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
28
Agere Systems Inc.
Outline Diagrams
28-Pin PLCC
Dimensions are in millimeters.
5-2506r.8(F)
1.27 TYP
0.330/0.533
0.10
SEATING PLANE
0.51 MIN
TYP
4.572
MAX
12
18
11
5
41
26
25
19
12.446
± 0.127
PIN #1 IDENTIFIER
ZONE
11.506
± 0.076
11.506
± 0.076
12.446
± 0.127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32