Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATTL7583AF Fiches technique(PDF) 3 Page - Agere Systems

No de pièce ATTL7583AF
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

ATTL7583AF Fiches technique(HTML) 3 Page - Agere Systems

  ATTL7583AF Datasheet HTML 1Page - Agere Systems ATTL7583AF Datasheet HTML 2Page - Agere Systems ATTL7583AF Datasheet HTML 3Page - Agere Systems ATTL7583AF Datasheet HTML 4Page - Agere Systems ATTL7583AF Datasheet HTML 5Page - Agere Systems ATTL7583AF Datasheet HTML 6Page - Agere Systems ATTL7583AF Datasheet HTML 7Page - Agere Systems ATTL7583AF Datasheet HTML 8Page - Agere Systems ATTL7583AF Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Lucent Technologies Inc.
3
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Pin Information (continued)
Table 1. Pin Descriptions
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Table 2. Absolute Maximum Ratings
DIP SOG Symbol
Description
DIP
SOG
Symbol
Description
11
FGND
Fault ground.
24
28
VBAT
Battery voltage. Used as a ref-
erence for protection circuit.
2
2
NC
No connection.
23
27, 26
NC
No connection.
3
3, 4
NC
No connection.
22
25, 21
NC
No connection.
45
TTESTin
Test (in) access on TIP.
21
24
RTESTin
Test (in) access on RING.
56
TBAT
Connect to TIP on SLIC side.
20
23
RBAT
Connect to RING on SLIC
side.
67
TLINE
Connect to TIP on line side.
19
22
RLINE
Connect to RING on line side.
78
TRINGING Connect to return ground for ring-
ing generator.
18
20
RRINGING Connect to ringing generator.
810
TTESTout Test (out) access on TIP.
17
19
RTESTout
Test (out) access on RING.
9
9, 11
NC
No connection.
16
18
LATCH
Data input control, active-high,
transparent low.
10
12
VDD
5 V supply.
15
17
INTESTin
Logic level switch input control.
11
13
TSD
Temperature shutdown pin. Can
be used as a logic level input or an
output. See Tables 16 and 17,
Truth Tables, and the Switching
Behavior section of this data sheet
for input pin description. As an
output flag, will read 5 V when the
device is in its operational mode
and 0 V in the thermal shutdown
mode. To disable the thermal shut-
down mechanism, tie this pin to
5 V (not recommended).
14
16
INRING
Logic level switch input control.
12
14
DGND
Digital ground.
13
15
INTESTout
Logic level switch input control.
Parameter
Min
Max
Unit
Operating Temperature Range
–40
110
°C
Storage Temperature Range
–40
150
°C
Relative Humidity Range
5
95
%
Pin Soldering Temperature (t = 10 s max)
—
260
°C
5 V Power Supply
—
7
V
Battery Supply
—
–85
V
Logic Input Voltage
—
7
V
Input-to-output Isolation
—
330
V
Pole-to-pole Isolation
—
330
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com