| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP16210 Fiches technique(PDF) 21 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
DSP16210 Fiches technique(HTML) 21 Page - Agere Systems |
|
21 / 173 page ![]() Data Sheet July 2000 DSP16210 Digital Signal Processor Lucent Technologies Inc. DRAFT COPY 21 Hardware Architecture (continued) Interrupts and Trap (continued) Table 4. Interrupt and User Trap Vector Table Vector Description Vector Address† Priority VEC[3:0] Signals‡ Hexadecimal Decimal Reserved vbase + 0x0 vbase + 0 — — PTRAP (driven by TRAP pin) vbase + 0x4 vbase + 4 6—Highest 0xD UTRAP (reserved for HDS) vbase + 0x8 vbase + 8 5 0xE Reserved vbase + 0xC vbase + 12 — — Reserved vbase + 0x10 vbase + 16 — — MIBF0 vbase + 0x14 vbase + 20 0—3§ 0x1 MOBE0 vbase + 0x18 vbase + 24 0—3§ 0x2 MIBF1 vbase + 0x1C vbase + 28 0—3§ 0x3 MOBE1 vbase + 0x20 vbase + 32 0—3§ 0x4 INT0 vbase + 0x24 vbase + 36 0—3§ 0x5 INT1 vbase + 0x28 vbase + 40 0—3§ 0x6 INT2 vbase + 0x2C vbase + 44 0—3§ 0x7 INT3 vbase + 0x30 vbase + 48 0—3§ 0x8 TIME0 vbase + 0x34 vbase + 52 0—3§ 0x9 TIME1 vbase + 0x38 vbase + 56 0—3§ 0xA EIFE vbase + 0x3C vbase + 60 0—3§ 0xB EOFE vbase + 0x40 vbase + 64 0—3§ 0xC ECOL vbase + 0x44 vbase + 68 0—3§ 0xD EIBF vbase + 0x48 vbase + 72 0—3§ 0xE EOBE vbase + 0x4C vbase + 76 0—3§ 0xF Reserved vbase + 0x50 vbase + 80 — — Reserved vbase + 0x54 vbase + 84 — — Reserved vbase + 0x58 vbase + 88 — — Reserved vbase + 0x5C vbase + 92 — — Software Interrupt 0 (icall 0) vbase + 0x60 vbase + 96 — 0xC Software Interrupt 1 (icall 1) vbase + 0x64 vbase + 100 — 0xC —0xC Software Interrupt 62 (icall 62) vbase + 0x158 vbase + 344 — 0xC Software Interrupt 63 (icall 63) vbase + 0x15C vbase + 348 — 0xC † vbase contains the base address of the 352-word vector table. ‡ The VEC[3:0] signals are multiplexed with the BIO signals IOBIT[7:4] onto the VEC[3:0]/IOBIT[7:4] pins (VEC0 corresponds to IOBIT7, VEC1 corresponds to IOBIT6, VEC2 corresponds to IOBIT5, and VEC3 corresponds to IOBIT4). VEC[3:0] defaults to 0xF (all ones) if the core is not currently servicing an interrupt or a trap. § The programmer specifies the relative priority levels 0—3 for hardware interrupts via inc0 and inc1 (see the DSP16000 Digital Signal Proces- sor Core Information Manual). Level 0 indicates a disabled interrupt. If the core simultaneously recognizes more than one interrupt with the same assigned priority, it services the interrupt with the lowest vector address first. |