| Moteur de recherche de fiches techniques de composants électroniques |
|
SWAA8D1A Fiches technique(PDF) 1 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SWAA8D1A Fiches technique(HTML) 1 Page - Seoul Semiconductor |
|
1 / 23 page ![]() 1 Rev. 01 Rev. 01 September 2012 September 2012 WWW.SEOULSEMICON.COM WWW.SEOULSEMICON.COM 서식번호 : SSC-QP-7-07-18 (Rev.00) Features Applications Description A8 * The appearance and specifications of the product can be changed for improvement without notice. The AC-Power series is designed for high current operation and high flux output applications. It incorporates state of the art COB design and low thermal resistant material. The AC Power LED is ideal light sources for general illumination applications, custom designed solutions, and high performance lights. • Super high Flux output and high Luminance • Designed for high current operation • Lead Free product • RoHS compliant • Architectural lighting • Down light • Task lighting • Decorative / Pathway lighting Specification |
Numéro de pièce similaire - SWAA8D1A |
|
Description similaire - SWAA8D1A |