Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE44110 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc.

No de pièce PE44110
Description  MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44110 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44110 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44110 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44110 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62 PE44110
URL: http://www.pasternack.com/mhv-female-standard-rg59-rg62-connector-pe44110-p.aspx
PE44110
PE44110 REV
MHV Female Bulkhead Connector Crimp/
Solder Attachment For RG59, RG62



Html Pages

1 2 3