Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT2577 Fiches technique(PDF) 21 Page - Aeroflex Circuit Technology

No de pièce CT2577
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2577 Fiches technique(HTML) 21 Page - Aeroflex Circuit Technology

Back Button CT2577 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 25Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
APPLICATION NOTE #108
Released 9/98
SUMMARY OF OPERATION
Device can be either RT or BC.
1. ADDR = 1 00 06 (Write)
Select offline self test.
OR
ADDR = 1 00 07 (Write)
Select online self test.
2. ADDR = 1 00 10 (Write)
Select bus 0.
OR
ADDR = 1 00 18 (Write)
Select bus 1.
3. ADDR = 2 01-1E 00 (Write) DATA = n
Write self test data to BCAST location.
OR
ADDR = 0 01-1E 00 (Write) DATA = n
Write self test data to RECEIVE location.
4. ADDR = 0 00 00 (Write) DATA = 1F 0 01-1E 01
Transmit message (Bcast receive 1 word).
OR
ADDR = 0 00 00 (Write) DATA = RTAD 0 01-1E 01
Transmit message (Receive 1 word).
5. ADDR = 2 01-1E 00 (Write) DATA = 0
Write 0 to self test location.
OR
ADDR = 0 01-1E 00 (Write) DATA = 0
Write 0 to self test location.
6. ADDR = 2 01-1E 00 (Read) DATA = 0
Read 0 from self test location.
OR
ADDR = 0 01-1E 00 (Read) DATA = 0
Read 0 from self test location.
7. ADDR = 2 01-1E 00 (Read) DATA = n
Read self test data after NCMDSTRB.
OR
ADDR = 0 01-1E 00 (Read) DATA = n
Read self test data after NCMDSTRB.
8. ADDR = 0 00 00 (Read) DATA = 1F 0 01-1E 01
Read command from command memory.
OR
or ADDR = 0 00 00 (Read) DATA = RTAD 0 01-1E 01
Read command from command memory.
9. ADDR = 1 00 08 (Write)
Disable self test.
ADDR = 0 00 01 (Read)
Read device status:
Bit 6 = Offline self test.
Bit 7 = Online self test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41