Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT2512 Fiches technique(PDF) 16 Page - Aeroflex Circuit Technology

No de pièce CT2512
Description  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2512 Fiches technique(HTML) 16 Page - Aeroflex Circuit Technology

Back Button CT2512 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
16
.100
2.100
1.500
TYP
Lead 1 & ESD
Designator
1.900
1.800
Pin 19
Pin 20
Pin 59
Pin 41
Pin 2
.050
TYP
1.650
1.870
.100
.110
Pin 1
.250
.250
MAX
Pin 39
Pin 40
Pin 78
Pin 22
Pin 21
Pin 60
.018 DIA
TYP
.105
.190
MAX
.010
±.002
.015
2.000
Pin 42
.095
Pin 41
2.195
MAX
Lead 1 & ESD
Designator
1.600
MAX
Designator
1.600
MAX
.500
TYP
.050 Lead Centers
41 Leads/Side
(4 Places)
Pin 82
Flat Package Outline
Plug In Package Outline
.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17