Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT8612 Fiches technique(PDF) 4 Page - Aeroflex Circuit Technology

No de pièce ACT8612
Description  Radiation Hardened 50 Watt Power Supply Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8612 Fiches technique(HTML) 4 Page - Aeroflex Circuit Technology

  ACT8612 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8612 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8612 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8612 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8612 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
A
Aeroflex Circuit Technology
SCD861X REV 2 5/16/00 Plainview NY (516) 694-6700
4
3.500
3.000
3.500
.50
3.438
4.000
.281
TYP
.61
(1.852)
.91
.900
See
Note 1
.500 TYP
Notes:
1. Input / Output Connector ITT Cannon DBMMMD13H3PJ, mating
with DBMM13W3S. Connector pin assignments are listed in Table 1.
2. Dimension Tolerances: 2 Place Decimals. ±.015
3 Place Decimals. ±.005
Figure 2 – Package Outline Drawing
Table 2 – Connector
Pin Assignments
Pin
Function
A1
CHASSIS COMMON
A2
VO+
A3
VO-
1VIN-
2
SYNC_IN
3NC
4STATUS
5OUT_COM
6VIN+
7
INHIBIT
8
IN_COM
9NC
10
SYNC_OUT
1
2
3
4
5
6
7
8
9
10
A1
A2
A3
4x
∅.171
.250



Html Pages

1 2 3 4 5