Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT8505 Fiches technique(PDF) 3 Page - Aeroflex Circuit Technology

No de pièce ACT8505
Description  ACT8505 Radiation Hardened 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8505 Fiches technique(HTML) 3 Page - Aeroflex Circuit Technology

  ACT8505 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Aeroflex Circuit Technology
SCD8505 REV A 10/26/01 Plainview NY (516) 694-6700
Organization and Application
The ACT8505 consists of four 16 channel muxes arranged as shown in the Block Diagram.
The muxes channels 0-63 are controlled by address lines A0 -A3. The mux output monitor is
controlled by address lines C0, C1.
The ACT8505 design is inherently Radiation Hard due to the HS1840RH Multiplexers as well
as Microsemi Corp. Transient Suppressors (Reference Microsemi MicroNotes Series 050 -
page 14).
NOTE: It is recommended that all "NC or "no connect pin", be grounded. This eliminates or
minimizes any ESD or static buildup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11