Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT8503 Fiches technique(PDF) 3 Page - Aeroflex Circuit Technology

No de pièce ACT8503
Description  ACT8503 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8503 Fiches technique(HTML) 3 Page - Aeroflex Circuit Technology

  ACT8503 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Aeroflex Circuit Technology
SCD8503 REV A 10/26/01 Plainview NY (516) 694-6700
Organization and Application
The ACT8503 consists of three 16 channel muxes arranged as shown in the Block Diagram.
The Address Bus and three Enable lines providing for 48 channels addressable by Bus A0~A3,
in three 16 channel blocks, each block enabled separately. Each block connects the addressed
channel to one output.
The ACT8503 design is inherently Radiation Hard due to the HS1840RH Multiplexers as well
as Microsemi Corp. Transient Suppressors (Reference Microsemi MicroNotes Series 050 -
page 14).
NOTE: It is recommended that all "NC or "no connect pin", be grounded. This eliminates or
minimizes any ESD or static buildup.



Html Pages

1 2 3 4 5 6 7 8 9 10