Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT7006 Fiches technique(PDF) 27 Page - Aeroflex Circuit Technology

No de pièce ACT7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7006 Fiches technique(HTML) 27 Page - Aeroflex Circuit Technology

Back Button ACT7006 Datasheet HTML 21Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 22Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 23Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 24Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 25Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 26Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 27Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 28Page - Aeroflex Circuit Technology ACT7006 Datasheet HTML 29Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
27
LOAD
OPERATION
REG.
RESET
DONE
INTERRUPT ?
DONE
YES
NO
SET:
SUBADDRESS BITS @ ADDRESS = 0H
T/R BIT = 0
(16 BIT MODE)
I/O BIT = 0
RESET OUTPUT FIFO @ ADDRESS = DH
WRITE AN ARBITRARY WORD TO ADDRESS = 8H
*FIFO CAN BE READ OUT BEFORE THE DONE INTERRUPT. FIFO
READ CAN COMMENCE AS SOON AS THE BUFF EF SIGNAL
GOES HIGH. WORDS CAN BE READ AT A MAXIMUM RATE OF
500ns/WORD THEREAFTER.
READ OUTPUT FIFO @ ADDRESS = EH
(MAX = 32 WORDS)
Figure 6 – Flowchart # 2 - Unload Data from Receive RAM
OUTPUT
FIFO
EXECUTE
OPERATION
READ
OUTPUT
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29