| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT4808DI Fiches technique(PDF) 5 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT4808DI Fiches technique(HTML) 5 Page - Aeroflex Circuit Technology |
|
5 / 8 page ![]() Aeroflex Circuit Technology SCD4808 REV E 12/9/99 Plainview NY (516) 694-6700 5 Notes: 1. VCC = +15Volts ±0.75V, VEE = -15Volts ±0.75V, VIL = +5Volts ±0.5V, TC = -55°C to +125°C, unless otherwise specified. 2. All typical values are measured at +25°C. 3. Characteristics guaranteed by design, not production tested. 4. Power ON/OFF, measured from 75KHz to 1MHz at Point A-A’ Figure 4, in accordance with MIL-STD-1553B paragraph 4.5.2.2.2.3. 5. At point A-A’ on Figure 3 or 4, 2.5 µS after midpoint crossing of the parity bit of the last word of a 660 µS message. 6. Receiver skew is defined as the time from the rising edge of RX DATA OUT to the rising edge of RX DATA OUT minus 500 nS, with a sine wave input of 3 VPK-PK at 1MHz driven into Pt. B-B’ of Figure 4 or 2.1 VPK-PK at 1MHz driven into Pt. B-B’ of Figure 3. The specification maximum is guaranteed for TA = 25°C only. Standard TTL loads applied to RX DATA Outputs. 7. This test is peformed while the Transceiver is reading its own transmission. This condition is called "Wraparound". Standard TTL loads applied to RX DATA Outputs. Typical Hybrid Power Dissipation *, Per Channel Power Supply Conditions Condition Std Version -L Version Unit Standby 100% Duty Cycle Standby 100% Duty Cycle PSC1 VCC = +15V VEE = -15V VL = +5V Pt. B - B’ ZO = 70 Ω, VO = 29 VPK-PK Bit Pattern = FFFF HEX Fig. 4 1.325 3.250 0.540 2.167 Watts PSC2 VCC = +15V VEE = -12V VL = +5V 1.118 3.142 0.465 1.852 PSC3 VCC = +12V VEE = -12V VL = +5V 1.085 2.472 0.450 1.600 * See Aeroflex Application note# 112 for reference. Recommended Power Supply Voltage Range +V +11.4 Volts to +15.75 Volts -V -11.4 Volts to -15.75 Volts Logic +4.5 Volts to +5.5 Volts |