Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT4464 Fiches technique(PDF) 8 Page - Aeroflex Circuit Technology

No de pièce ACT4464
Description  ACT 4458 / 4464 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4464 Fiches technique(HTML) 8 Page - Aeroflex Circuit Technology

  ACT4464 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Aeroflex Circuit Technology
SCD4458 REV A 1/29/98 Plainview NY (516) 694-6700
8
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
Notes
1. Dimensions shown are in inches
2. Pins are equally spaced at 0.100±0.002 tolerance,
non-cumulative, each row
Specifications subject to change without notice.
CIRCUIT TECHNOLOGY
Model ACT4458/4464 Flat Package
0.056
MAX
0.095
MAX
0.010
± 0.003
0.018
MAX
0.808
MAX
0.596
0.410
MIN
MAX
0.050
± 0.005
0.550
11 Equal Spaces
at 0.050
Noncumulative
PIN 1
Configurations and Ordering Information
Model No.
DESC No.
Receiver Data level
Case
Configuration
ACT 4458
5962-92061-07
Normally Low Rx
Flat Package
Dual
ACT 4464
5962-92061-08
Normally High Rx
Flat Package
Dual



Html Pages

1 2 3 4 5 6 7 8