| Moteur de recherche de fiches techniques de composants électroniques |
|
MMDF2N06V Fiches technique(PDF) 3 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MMDF2N06V Fiches technique(HTML) 3 Page - Motorola, Inc |
|
3 / 4 page ![]() MMDF2N06V 3 Motorola TMOS Power MOSFET Transistor Device Data PACKAGE DIMENSIONS STYLE 11: PIN 1. SOURCE 1 2. GATE 1 3. SOURCE 2 4. GATE 2 5. DRAIN 2 6. DRAIN 2 7. DRAIN 1 8. DRAIN 1 CASE 751–05 SO–8 ISSUE P SEATING PLANE 1 4 5 8 A 0.25 (0.010) M T B S S 8X D M J _ –A– –B– –T– DIM MIN MAX MILLIMETERS A 4.80 5.00 B 3.80 4.00 C 1.35 1.75 D 0.35 0.49 F 0.40 1.25 G 1.27 BSC J 0.18 0.25 K 0.10 0.25 M 0 7 P 5.80 6.20 R 0.25 0.50 _ _ G NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. |