Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTP5902 Fiches technique(PDF) 11 Page - Linear Technology

No de pièce LTP5902
Description  2.4 GHz 802.15.4 EternaTM Mote Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Fiches technique(HTML) 11 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 7Page - Linear Technology LTP5902 Datasheet HTML 8Page - Linear Technology LTP5902 Datasheet HTML 9Page - Linear Technology LTP5902 Datasheet HTML 10Page - Linear Technology LTP5902 Datasheet HTML 11Page - Linear Technology LTP5902 Datasheet HTML 12Page - Linear Technology LTP5902 Datasheet HTML 13Page - Linear Technology LTP5902 Datasheet HTML 14Page - Linear Technology LTP5902 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
11
4.4
Duty Cycling and Autonomous Peripherals
Eterna’s ability to quickly and efficiently transition between Doze and Active states, in conjunction with the ability of
peripherals to operate autonomously for most operations (shown in Figure 9), enables the system solution to significantly
reduce power consumption. For example the system can automatically go from Doze to Active and determine if RF energy is
present. The CPU is then only woken if a packet is detected, otherwise Eterna returns to Doze mode.
Figure 9
Low Energy Duty Cycling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29