| Moteur de recherche de fiches techniques de composants électroniques |
|
iQL24024A083V-009-R Fiches technique(PDF) 2 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
iQL24024A083V-009-R Fiches technique(HTML) 2 Page - TDK Electronics |
|
2 / 2 page ![]() 142 1-800-526-2324 • www.us.tdk-lambda.com/lp/ Revision A7: Jan 2013 iQL Series For Additional Information, please visit us.tdk-lambda.com/lp/products/iql-series.htm PIN Function PIN Function 1 Vin (+) 5 Sense (-)(if applicable) 2 On / Off 6 Trim 3 Vin (-) 7 Sense (+)(if applicable) 4 Vo (-) 8 Vo (+) Recommended Footprint (Bottom View) Pinout Input Output Adjust Max. Max. Output Base Efficiency at Pin Model Voltage (V) Voltage (V) Range (V) Curr. (A) Power (W) Plate Full Load (%) Length (in) iQL48060A025V-0B9-R 36 - 75 2.5 2.0 - 2.75 60 150.0 No 89.0 0.180 iQL24050A033V-009-R 18 - 36 3.3 2.64 - 3.63 50 165.0 Yes 90.5 0.180 iQL48025A033V-003-R 36 - 75 3.3 2.64 - 3.63 25 82.5 Yes 91.0 0.180 iQL48060A033V-009-R 36 - 75 3.3 2.64 - 3.63 60 198.0 Yes 91.0 0.180 iQL48060A033V-0B9-R 36 - 75 3.3 2.64 - 3.63 60 198.0 No 91.0 0.180 iQL24040A050V-009-R 18 - 36 5.0 4.0 - 5.5 40 200.0 Yes 91.0 0.180 iQL48045A050V-009-R 36 - 75 5.0 4.0 - 5.5 45 225.0 Yes 91.0 0.180 iQL48045A050V-0B9-R 36 - 75 5.0 4.0 - 5.5 45 225.0 No 91.0 0.180 iQL24024A083V-009-R 18 - 36 8.3 6.64 - 9.13 24 199.2 Yes 89.0 0.180 iQL48030A083V-009-R 36 - 75 8.3 6.64 - 9.13 30 249.0 Yes 90.5 0.180 iQL24021A120V-009-R 20 - 36 12.0 9.28 - 12.76 21 252.0 Yes 92.0 0.180 iQL48025A120V-009-R 36 - 75 12.0 9.6 - 13.2 25 300.0 Yes 93.5 0.180 iQL48025A120V-0B9-R 36 - 75 12.0 9.6 - 13.2 25 300.0 No 93.5 0.180 iQL48011A280V-009-R 36 - 75 28.0 27.4 - 28.6 11 308.0 Yes 92.5 0.180 Model Selector M3 x .5 Threaded Hole 2 places 1.02 [0.040] DIA Pin 1.83 [0.072] DIA Stand-off 6 Places To avoid damaging components, do not exceed 4.83 [0.190] depth with M3 screw 2 places 1.57 [0.062] DIA Pin 2.59 [0.102] DIA Stand-off 2 Places For baseplate option 3 2 1 8 4 Preferred Model |