Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML6206S Fiches technique(PDF) 13 Page - Minilogic Device Corporation Limited

No de pièce ML6206S
Description  Low ESR Cap. Compatible Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINILOGIC [Minilogic Device Corporation Limited]
Site Internet  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6206S Fiches technique(HTML) 13 Page - Minilogic Device Corporation Limited

Back Button ML6206S Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 9Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 10Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 11Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 12Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 13Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 14Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
P13/14
November 2009
ML6206S
SOT-89 Taping Specifications :
Direction of feed
“R” type [Orientation of Device: Right]
Standard Type
SOT-89 :
SIZE (mm)
A
∅ 178 ± 0.8
B
2 ± 0.2
C
∅ 13 ± 0.2
D
∅ 21 ± 0.8
G
12 ± 0.5
H
∅ 60
1,000 pcs / reel
4.0 ± 0.1
8.0 ± 0.1
2.0 ± 0.05
∅ 1.5
+ 0.1
0
“L” type [Orientation of Device: Left]
Reverse Type
Direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14