Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML5012 Fiches technique(PDF) 12 Page - Minilogic Device Corporation Limited

No de pièce ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINILOGIC [Minilogic Device Corporation Limited]
Site Internet  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Fiches technique(HTML) 12 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 16Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
P12/29
Rev. M, May 2010
ML5012
1-3.
WR_AD Command. Write data into A/D Register
The following diagram shows the timing diagram of writing data into A/D Register.
The DIN data in C1~C4 cycle is WR_AD command code.
The DIN data in C5~C16 cycles are input data for A/D Register, D[11:0] = A/D[11:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29