Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML63S Fiches technique(PDF) 6 Page - Minilogic Device Corporation Limited

No de pièce ML63S
Description  DC-DC Converter Small number of external components: inductor, diode and capacitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINILOGIC [Minilogic Device Corporation Limited]
Site Internet  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML63S Fiches technique(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML63S Datasheet HTML 2Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 3Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 4Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 5Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 6Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 7Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 8Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 9Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 10Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P6/11
Rev. D, August 2011
ML63S
Package Pin Number
Pin Name
Function
SOT23-5
SOT89-5
4
5
VSS
Ground
2
2
VOUT
Output Voltage monitor, Internal IC Power Supply
5
4
EXT
External Switch Transistor Drive
1
3
CE
Chip Enable
3
1
NC
NC
ML63SD
 Pin Configuration
 Block Diagram
 Typical Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11