Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3035 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3035
Description  80 MHz Notch Frequency 20 MHz typical 3 dB Bandwidth 50 ??Source and Load
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3035 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3035 Datasheet HTML 1Page - KR Electronics, Inc. 3035 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2011, KR Electronics, Inc.
3035, Rev 0, July 13, 2011
KR Electronics, Inc.
KR Electronics part number 3035 is a 80 MHz Notch Filter.
Other center frequencies and bandwidths available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
Features
 80 MHz Notch Frequency
 20 MHz typical 3 dB Bandwidth
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3035

FabricantNo de pièceFiches techniqueDescription
logo
3M Electronics
3035 3M-3035 Datasheet
232Kb / 2P
2076HF, P95 Particulate/Hydrogen Fluoride Cartridge with Nuisance Level Acid Gas Relief
9/1/09
logo
Heyco.
3035 HEYCO-3035 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
List of Unclassifed Man...
3035-A ETC2-3035-A Datasheet
72Kb / 1P
KNOB
3035-A ETC2-3035-A Datasheet
73Kb / 1P
KNOB
logo
Mersen
30350 MERSEN-30350 Datasheet
89Kb / 1P
MIDGET, PC MOUNT & MINIATURE FUSES
More results

Description similaire - 3035

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
3088 KR-3088 Datasheet
58Kb / 3P
3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
3036 KR-3036 Datasheet
61Kb / 2P
160 MHz Notch Frequency 40 MHz typical 3 dB Bandwidth 50 ??Source and Load
2159-35-50 KR-2159-35-50 Datasheet
53Kb / 3P
3.5 MHz min 3 dB Bandwidth
3142 KR-3142 Datasheet
101Kb / 3P
1 MHz Notch Frequency
3150 KR-3150 Datasheet
97Kb / 3P
1 MHz Notch Frequency
logo
Integrated Technology F...
212004B ITF-212004B Datasheet
164Kb / 2P
Typical 1dB bandwidth of 19.6 MHz
Rev 1.0 2013. 04. 15
220904B ITF-220904B Datasheet
194Kb / 2P
Typical 1dB bandwidth of 9.75 MHz
Rev 1.0 2010. 09. 14
220952B ITF-220952B Datasheet
188Kb / 2P
Typical 1dB bandwidth of 9.5 MHz
Rev 1.0 2011. 05. 27
logo
KR Electronics, Inc.
2159-3.5-50 KR-2159-3.5-50 Datasheet
53Kb / 3P
3.5 MHz min 3 dB Bandwidth
3252-N KR-3252-N Datasheet
83Kb / 3P
3.65 MHz Notch Frequency
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com