Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3052 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3052
Description  Notch filter 198 KHz Notch Frequency 50 ??SMA Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3052 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3052 Datasheet HTML 1Page - KR Electronics, Inc. 3052 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2011, KR Electronics, Inc.
3052, 198 KHz Notch Filter, Rev 0, October 31, 2011
KR Electronics, Inc.
KR Electronics part number 3052 is a 198 KHz notch filter.
Please consult the factory for other frequencies.
General Description
KR Electronics, Inc.
Features
 Notch filter
 198 KHz Notch Frequency
 50 
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3052

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3052 ETC2-3052 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Extreme Networks.
30520 EXTREMENETWORKS-30520 Datasheet
319Kb / 10P
Wi-Fi 6 (802.11ax) Outdoor Access Point With Integrated Or External Antenna Options
3jan24
30520 EXTREMENETWORKS-30520 Datasheet
346Kb / 10P
Wi-Fi 6 (802.11ax) Tri-Radio Outdoor Access Point with integrated or external antenna options
1sep23
30520 EXTREMENETWORKS-30520 Datasheet
419Kb / 14P
Stadium Optimized Wi-Fi 6 Access Points for Very Highly Dense Outdoor Venues
31aug23
logo
Clarke International
3052050 CLARKE-3052050 Datasheet
3Mb / 20P
4½” (115mm) ANGLE GRINDER
GC11/22 - Rev 4
More results

Description similaire - 3052

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2355-50 KR-2355-50 Datasheet
19Kb / 2P
Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
Notch Filter
3053 KR-3053 Datasheet
34Kb / 2P
Notch filter 162 KHz Notch Frequency 50 ??SMA Connectors
3054 KR-3054 Datasheet
34Kb / 2P
Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
3137 KR-3137 Datasheet
96Kb / 3P
500 KHz Notch Frequency
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com