| Moteur de recherche de fiches techniques de composants électroniques |
|
PCM-C3530 Fiches technique(PDF) 2 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PCM-C3530 Fiches technique(HTML) 2 Page - Advantech Co., Ltd. |
|
2 / 2 page ![]() www.advantech.com/products Online Download PCM-C3503/C3530 Dimensions Unit: mm Ordering Information PCM-C3530DK-B00E Design-in Package Part No. Description PCM-C3530DK-B00E Evaluation kit for TI OMAP3530 w/Win CE 6.0 256 MB DDR SDRAM, 2 GB flash Power cord 1700001524 for 3-pin USA standard power cord 170203183C for 3-pin Europe standard power cord 170203180A for 3-pin UK standard power cord PCM-C3503/C3530 SBC (Single board only) Part No. Description PCM-C3503-650B0E TI OMAP3503, 128 MB DDR SDRAM, none flash Win CE 6.0 Pro RoHS PCM-C3503-650BAE TI OMAP3503,128 MB DDR SDRAM, none flash RoHS PCM-C3530-668B0E TI OMAP3530, 256 MB DDR SDRAM, 2 GB flash Win CE 6.0 Pro RoHS PCM-C3530-668BAE TI OMAP3530, 256 MB DDR SDRAM, 2 GB flash RoHS Packing List SBC comes with the bootloader pre-installed and Win CE professional license sticker **Sample image and related documentation including with Design-in kit only. TI SN65HVD11D SD2 Pin Header Reset Pin Header GPIO Level Shift Level Shift Level Shift Suspend Pin Header Line Out Pin Header TI OMAP 3530/3503 UART 1 Pin Header UART 3 Debug Port HSUSB2 (ULPI) DSS (29-pin) TI SN65LVDS 93ADGGR LVDS Connector USB3320 USB HOST 3 Pin Header USB Host (3-pin) HSUSB0 (ULPI) USB OTG 6x6 Keypad(12-pin) USB 2.0 OTG Connector TPA2012D2 Amplier Mic In Pin Header Speaker Pin Header 6x6 keypad Pin Header 4-wire TTL UART 1 Line Out (Stereo) Line In Pin Header Mic In USB HOST 4 Pin Header 4-wire TTL UART 3 Line In TI MAX3243 USB HUB Level Shift PMIC (with Watchdog) Level Shift Level Shift UART 1 UART 3 CS3 GPMC CS0 CS4 Level Shift UART 2 Pin Header 4-wire TTL UART 2 TI MAX3243 Level Shift UART 2 CVBS TV Out Pin Header SDRC SD/MMC2 iNAND 2GB JTAG JTAG Test Pin Header DDR RAM 128MB SD/MMC3(6-pin) with GPIO DM9000B RJ-45 With Transformer TX, RX (7-pin) TI MAX3243 XR16L2751 TTL UART 4 (Full Function) TTL UART 5 (RS485) UART 4 D-Sub 9 RS-485 Phoenix Conn. Touch (4-pin) ADS7846E Touch Driver Touchscreen Pin Header Level Shift SPI 1 Bootable SD/MMC1(6-pin) Level Shift Buzzer USB HOST 1, 2 TYPE A x2 Conn. Level Shift SD1 Card Slot GPIO 5~20 PCA9306 Level Shift PCA9306 Level Shift PCA9555PW I2C2 I2C1, I2C4 I2CS IV8 SPI 4 1V8 with one GPIO I2C3 IV8 I2C2 3V3 SPI 4 3V3 with one GPIO I2C3 3V3 GPIO 1~4 Level Shift GPIO 1~20 Pin Header 2x I2C and 1x SPI Pin Header Battery charger Pin Header 120.00 5.00 5.00 5.00 5.00 Block Diagram |