Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APT30D60H Fiches technique(PDF) 2 Page - Advanced Power Technology

No de pièce APT30D60H
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADPOW [Advanced Power Technology]
Site Internet  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30D60H Fiches technique(HTML) 2 Page - Advanced Power Technology

  APT30D60H Datasheet HTML 1Page - Advanced Power Technology APT30D60H Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
TYP
MAX
50
65
50
80
155
155
410
7.5
15
100
300
5
5
400
200
UNIT
ns
Amps
nC
Volts
A/µs
APT30D60H
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A/µs, V
R
= 30V, T
J
= 25°C
Reverse Recovery Time
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µs, V
R
= 350V
T
J
= 100°C
Forward Recovery Time
T
J
= 25°C
I
F
= 30A, di
F
/dt = 240A/µs, V
R
= 350V
T
J
= 100°C
Reverse Recovery Current
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µs, V
R
= 350V
T
J
= 100°C
Recovery Charge
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µs, V
R
= 350V
T
J
= 100°C
Forward Recovery Voltage
T
J
= 25°C
I
F
= 30A, di
F
/dt = 240A/µs, V
R
= 350V
T
J
= 100°C
Rate of Fall of Recovery Current
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µs, V
R
= 350V
T
J
= 100°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/ dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
Symbol
RqJC
RqJA
W
T
Torque
MIN
TYP
MAX
1.5
40
0.22
6.1
UNIT
°C/W
oz
gm
lb•in
N•m
TO-258 Package Outline
5.08 (.200) BSC
1.14 (.045)
0.88 (.035)
17.65 (.695)
17.39 (.685)
4.19 (.165)
3.94 (.155)
Cathode
N.C.
Anode
1.65 (.065)
1.39 (.055)
Dia. Typ.
3 Leads
17.96 (.707)
17.70 (.697)
19.05 (0.750)
12.70 (0.500)
21.21 (.835)
20.70 (.815)
8.89 (.350)
8.63 (.340)
Dimensions in Millimeters and (Inches)
3.56 (.140) BSC
6.86 (.270)
6.09 (.240)
13.84 (.545)
13.58 (.535)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058
APT Reserves the right to change, without notice, the specifications and information contained herein.



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com