Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MINT1065D4875K01 Fiches technique(PDF) 3 Page - SL Power Electronics

No de pièce MINT1065D4875K01
Description  65W Single Output Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SLPOWER [SL Power Electronics]
Site Internet  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1065D4875K01 Fiches technique(HTML) 3 Page - SL Power Electronics

  MINT1065D4875K01 Datasheet HTML 1Page - SL Power Electronics MINT1065D4875K01 Datasheet HTML 2Page - SL Power Electronics MINT1065D4875K01 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
______________________________________________________________________________________________________________________________ 3 of 3
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565  Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Mechanical Drawings and Connector Information
Output Power Derating Curve
Data Sheet © 2012 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 12-19-12
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
MINT1065D
65W Single Output Series
Medical 3
rd Edition Certified Universal Input Power Supply
3 Year Warranty
MINT1065 Series Connectors
INPUT:
J1
AMP P/N 641937-1
PIN 1) AC LINE
PIN 2) AC NEUTRAL
OUTPUT:
J2
AMP P/N 640445-4
PIN 1) +Vout
PIN 3) -Vout
PIN 2) +Vout
PIN 4) -Vout
MATING CONNECTORS:
P1
Molex 09-50-3031
P2
Molex 09-50-3041
Pins:
Molex 08-50-0105
GND CONNECTION (Class I version)
0.187" FASTON TAB



Html Pages

1 2 3