Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

261 Fiches technique(PDF) 2 Page - Marl International Limited

No de pièce 261
Description  Direct replacement for T3 쩌 Midget Edison Screw E10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARL [Marl International Limited]
Site Internet  http://www.leds.co.uk
Logo MARL - Marl International Limited

261 Fiches technique(HTML) 2 Page - Marl International Limited

  261 Datasheet HTML 1Page - Marl International Limited 261 Datasheet HTML 2Page - Marl International Limited 261 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
technical data
to order
de-rating information
Dimensions in mm (typical)
Not to scale
Lamp Base Style
Series
Metric Equivalent
(mm)
Max. Power Dissipation
(mW)
Intensities (Iv) and colour shades of white (x,y co-ordinates) may vary between leds within a batch
BS EN ISO 9001:2008
approved manufacturer
261 series
28.40
25.90
Colour dot on product denotes LED colour.
T3 ¼ Midget Edison Screw E10
261
10
625
990F
*Typical emission colour White
x
0.296
0.287
0.330
0.330
y
0.276
0.295
0.339
0.318
899F
*Typical emission colour Warm White
x
0.4255
0.4390
0.4680
0.4519
y
0.4000
0.4310
0.4385
0.4086
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 261 - version 2012-12-06-113635
page 2 of 3



Html Pages

1 2 3