| Moteur de recherche de fiches techniques de composants électroniques |
|
SW06 Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SW06 Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 12 page ![]() SW06 REV. A –12– Single Pole Double Throw Selector Switch with Break-Before-Make Interval OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 20-Terminal Leadless Chip Carrier (RC-Suffix) E-20A 1 20 4 9 8 13 19 BOTTOM VIEW 14 3 18 0.028 (0.71) 0.022 (0.56) 45 ° TYP 0.015 (0.38) MIN 0.055 (1.40) 0.045 (1.14) 0.050 (1.27) BSC 0.075 (1.91) REF 0.011 (0.28) 0.007 (0.18) R TYP 0.095 (2.41) 0.075 (1.90) 0.100 (2.54) BSC 0.200 (5.08) BSC 0.150 (3.81) BSC 0.075 (1.91) REF 0.358 (9.09) 0.342 (8.69) SQ 0.358 (9.09) MAX SQ 0.100 (2.54) 0.064 (1.63) 0.088 (2.24) 0.054 (1.37) 16-Lead Plastic DIP (P-Suffix) N-16 16 18 9 0.840 (21.33) 0.745 (18.93) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 16-Lead Cerdip (Q-Suffix) Q-16 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 15 ° 0 ° 0.840 (21.34) MAX 0.200 (5.08) MAX 0.023 (0.58) 0.014 (0.36) 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC SEATING PLANE 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN 0.005 (0.13) MIN PIN 1 0.080 (2.03) MAX 0.310 (7.87) 0.220 (5.59) 16 1 8 9 16-Lead Wide Body SOL (S-Suffix) R-16/SOL-16 16 9 8 1 0.4133 (10.50) 0.3977 (10.00) PIN 1 SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.1043 (2.65) 0.0926 (2.35) 0.0500 (1.27) BSC 0.0125 (0.32) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 8 ° 0 ° 0.0291 (0.74) 0.0098 (0.25) x 45 ° |