Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBF4392L Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MMBF4392L
Description  JFET Switching Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBF4392L Fiches technique(HTML) 2 Page - Motorola, Inc

  MMBF4392L Datasheet HTML 1Page - Motorola, Inc MMBF4392L Datasheet HTML 2Page - Motorola, Inc MMBF4392L Datasheet HTML 3Page - Motorola, Inc MMBF4392L Datasheet HTML 4Page - Motorola, Inc MMBF4392L Datasheet HTML 5Page - Motorola, Inc MMBF4392L Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBF4391LT1 MMBF4392LT1 MMBF4393LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
Zero–Gate–Voltage Drain Current
(VDS = 15 Vdc, VGS = 0)
MMBF4391LT1
MMBF4392LT1
MMBF4393LT1
IDSS
50
25
5.0
150
75
30
mAdc
Drain–Source On–Voltage
(ID = 12 mAdc, VGS = 0)
MMBF4391LT1
(ID = 6.0 mAdc, VGS = 0)
MMBF4392LT1
(ID = 3.0 mAdc, VGS = 0)
MMBF4393LT1
VDS(on)
—
—
—
0.4
0.4
0.4
Vdc
Static Drain–Source On–Resistance
(ID = 1.0 mAdc, VGS = 0)
MMBF4391LT1
MMBF4392LT1
MMBF4393LT1
rDS(on)
—
—
—
30
60
100
Ω
SMALL– SIGNAL CHARACTERISTICS
Input Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
—
14
pF
Reverse Transfer Capacitance
(VDS = 0, VGS = 12 Vdc, f = 1.0 MHz)
Crss
—
3.5
pF
TYPICAL CHARACTERISTICS
TJ = 25°C
ID, DRAIN CURRENT (mA)
5.0
2.0
20
10
0.5
1.0
3.0
7.0
5.0
1.0
50
100
0.7
2.0
10
20
ID, DRAIN CURRENT (mA)
Figure 1. Turn–On Delay Time
Figure 2. Rise Time
RK = RD’
RK = 0
RK = RD’
RK = 0
ID, DRAIN CURRENT (mA)
Figure 3. Turn–Off Delay Time
RK = RD’
RK = 0
ID, DRAIN CURRENT (mA)
Figure 4. Fall Time
RK = RD’
RK = 0
MMBF4391
MMBF4392
MMBF4393
30
50
200
500
1000
0.5
1.0
3.0
7.0
5.0
0.7
2.0
10
20
30
50
5.0
2.0
20
10
1.0
50
100
200
500
1000
0.5
1.0
3.0
7.0
5.0
0.7
2.0
10
20
30
50
0.5
1.0
3.0
7.0
5.0
0.7
2.0
10
20
30
50
5.0
2.0
20
10
1.0
50
100
200
500
1000
5.0
2.0
20
10
1.0
50
100
200
500
1000
TJ = 25°C
MMBF4391
MMBF4392
MMBF4393
TJ = 25°C
MMBF4391
MMBF4392
MMBF4393
TJ = 25°C
MMBF4391
MMBF4392
MMBF4393
VGS(off) = 12 V
= 7.0 V
= 5.0 V
VGS(off) = 12 V
= 7.0 V
= 5.0 V
VGS(off) = 12 V
= 7.0 V
= 5.0 V
VGS(off) = 12 V
= 7.0 V
= 5.0 V



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com