| Moteur de recherche de fiches techniques de composants électroniques |
|
SMP18FS Fiches technique(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SMP18FS Fiches technique(HTML) 4 Page - Analog Devices |
|
4 / 8 page ![]() SMP18 REV. C –4– TEMPERATURE – °C 100 10 0.01 –40 –20 100 0 20406080 0 0.1 VDD = +12V VSS = 0V VIN = +6V RL = 10kΩ Droop Rate vs. Temperature INPUT VOLTAGE – Volts 0 –3 –6 01 10 23 4 5 6 7 8 9 –1 –2 –4 –5 VDD = +12V VSS = 0V TA = +25°C NO LOAD Hold Step vs. Input Voltage INPUT VOLTAGE – Volts 4 –10 01 10 23 4 5 6 7 8 9 2 0 –2 –4 –6 –8 VDD = +12V VSS = 0V TA = +25°C RL = ∞ RL = 20kΩ RL = 10kΩ Offset Voltage vs. Input Voltage –Typical Performance Characteristics INPUT VOLTAGE – Volts 5 3 –5 01 10 23 4 5 6 7 8 9 1 –1 –3 VDD = +12V VSS = 0V TA = +25°C NO LOAD Droop Rate vs. Input Voltage TEMPERATURE – °C 1 –7 –55 –35 125 –15 5 25 65 85 105 45 0 –3 –4 –5 –6 –1 –2 VDD = +12V VSS = 0V VIN = 6V NO LOAD Hold Step vs. Temperature INPUT VOLTAGE – Volts 20 5 –20 01 10 23 4 5 6 7 8 9 15 10 –5 –15 0 –10 VDD = +12V VSS = 0V TA = +85°C RL = ∞ RL = 20kΩ RL = 10kΩ Offset Voltage vs. Input Voltage INPUT VOLTAGE – Volts 130 70 10 01 10 23 4 5 6 7 8 9 110 90 50 30 VDD = +12V VSS = 0V TA = +85°C NO LOAD Droop Rate vs. Input Voltage VDD – Volts 30 0 10 11 18 12 13 14 15 16 17 25 20 15 10 5 VDD = +12V VSS = 0V TA = +25°C NO LOAD +SR –SR Slew Rate vs. VDD INPUT VOLTAGE – Volts 4 –10 01 10 23 4 5 6 7 8 9 2 0 –2 –4 –6 –8 VDD = +12V VSS = 0V TA = –40°C RL = ∞ RL = 20kΩ RL = 10kΩ Offset Voltage vs. Input Voltage |