| Moteur de recherche de fiches techniques de composants électroniques |
|
REF01AZ Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF01AZ Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 12 page ![]() REV. C REF01 –7– REF01 DAC08 OP02 0.1 F +15V 4 6 5 10k 5.0k 5.0k 5.0k +15V –15V –15V +15V EO LSB MSB 2 B1 B2 B3 B4 B5 B6 B7 B8 V+ V– CC VLC lO 2 4 lO B1 B2 B3 B4 B5 B6 B7 B8 E POS. FULL SCALE –1LSB 1 1 1 1 1 1 1 1 +4.960 ZERO SCALE 1 0 0 0 0 0 0 0 0.000 NEG. FULL SCALE +1LSB 0 0 0 0 0 0 0 1 –4.960 NEG. FULL SCALE 0 0 0 0 0 0 0 0 –5.000 VIN V O GND Figure 4. D/A Converter Reference VIN GND REF01 VO TRIM + – 10.000V 100k 1.1mA 2 6 5 4 9V 9V 0.1 F Figure 5. Precision Calibration Standard VIN GND TRIM VO REF01 15V 2 6 5 4 R VOLTAGE COMPLIANCE: –25V TO +3V IOUT IOUT = + 1mA 10V R Figure 6. Current Source 2 +15V 4 DAC08 ANALOG INPUT 0 TO +10V lO lO +15V 3.9M 5.000k REF01 5k 5k 1k –15V +15V –15V SERIAL OUTPUT START 0.1 F 0.01 F B1 B2 B3 B4 B5 B6 B7 B8 AM2592 SUCCESSIVE- APPROXIMATION REGISTER 5 6 14 15 56 7 8 9 10 1112 1 3 4 5 6 11 12 13 14 CONVERSION COMPLETE TTL CLOCK INPUT 2.25MHz CONNECT START TO CONVERSION COMPLETE FOR CONTINUOUS CONVERSIONS 1 10 2 9 7 2 4 3 2 1 4 7 8 16 CC GND VIN VO 313 CMP01C TRIM Figure 7. A/D Converter Reference VIN GND REF01 VO TRIM 0.1 F 5k OP02 10k 0.1% 10k 0.1% +15V –15V +15V +10V –10V 4 5 6 2 Figure 8. ±10 V Reference VIN GND TRIM VO REF01 IOUT 2 6 5 4 R VOLTAGE COMPLIANCE: –3V TO +25V IOUT = + 1mA 10V R –15V Figure 9. Current Sink |