Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F102xB Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STM32F102xB
Description  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xB Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STM32F102xB Datasheet HTML 17Page - STMicroelectronics STM32F102xB Datasheet HTML 18Page - STMicroelectronics STM32F102xB Datasheet HTML 19Page - STMicroelectronics STM32F102xB Datasheet HTML 20Page - STMicroelectronics STM32F102xB Datasheet HTML 21Page - STMicroelectronics STM32F102xB Datasheet HTML 22Page - STMicroelectronics STM32F102xB Datasheet HTML 23Page - STMicroelectronics STM32F102xB Datasheet HTML 24Page - STMicroelectronics STM32F102xB Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
STM32F102x8, STM32F102xB
Pinout and pin description
Doc ID 15056 Rev 4
21/76
21
29
PB10
I/O
FT
PB10
I2C2_SCL/ USART3_TX(8)
TIM2_CH3
22
30
PB11
I/O
FT
PB11
I2C2_SDA/ USART3_RX(8)
TIM2_CH4
23
31
VSS_1
SVSS_1
24
32
VDD_1
SVDD_1
25
33
PB12
I/O
FT
PB12
SPI2_NSS / I2C2_SMBA/
USART3_CK(8)
26
34
PB13
I/O
FT
PB13
SPI2_SCK(8)/
USART3_CTS
27
35
PB14
I/O
FT
PB14
SPI2_MISO/
USART3_RTS
28
36
PB15
I/O
FT
PB15
SPI2_MOSI
-
37
PC6
I/O
FT
PC6
TIM3_CH1
-
38
PC7
I/O
FT
PC7
TIM3_CH2
-
39
PC8
I/O
FT
PC8
TIM3_CH3
-
40
PC9
I/O
FT
PC9
TIM3_CH4
29
41
PA8
I/O
FT
PA8
USART1_CK/MCO
30
42
PA9
I/O
FT
PA9
USART1_TX(8)
31
43
PA10
I/O
FT
PA10
USART1_RX(8)
32
44
PA11
I/O
FT
PA11
USART1_CTS/USB_DM
33
45
PA12
I/O
FT
PA12
USART1_RTS/USB_DP
34
46
PA13
I/O
FT
JTMS-SWDIO
PA13
35
47
VSS_2
SVSS_2
36
48
VDD_2
SVDD_2
37
49
PA14
I/O
FT
JTCK/SWCLK
PA14
38
50
PA15
I/O
FT
JTDI
TIM2_CH1_ETR/
PA15 /SPI1_NSS
-
51
PC10
I/O
FT
PC10
USART3_TX
-
52
PC11
I/O
FT
PC11
USART3_RX
-
53
PC12
I/O
FT
PC12
USART3_CK
-
54
PD2
I/O
FT
PD2
TIM3_ETR
39
55
PB3
I/O
FT
JTDO
TIM2_CH2/ PB3/
TRACESWO/
SPI1_SCK
40
56
PB4
I/O
FT
JNTRST
TIM3_CH1 / PB4
SPI1_MISO
Table 4.
Medium-density STM32F102xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3) (4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76