Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F102X8 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STM32F102X8
Description  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102X8 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STM32F102X8 Datasheet HTML 16Page - STMicroelectronics STM32F102X8 Datasheet HTML 17Page - STMicroelectronics STM32F102X8 Datasheet HTML 18Page - STMicroelectronics STM32F102X8 Datasheet HTML 19Page - STMicroelectronics STM32F102X8 Datasheet HTML 20Page - STMicroelectronics STM32F102X8 Datasheet HTML 21Page - STMicroelectronics STM32F102X8 Datasheet HTML 22Page - STMicroelectronics STM32F102X8 Datasheet HTML 23Page - STMicroelectronics STM32F102X8 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
Pinout and pin description
STM32F102x8, STM32F102xB
20/76
Doc ID 15056 Rev 4
Table 4.
Medium-density STM32F102xx pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3) (4)
Default
Remap
11
VBAT
SVBAT
2
2
PC13-TAMPER-RTC(5)
I/O
PC13(6)
TAMPER-RTC
3
3
PC14-OSC32_IN(5)
I/O
PC14(6)
OSC32_IN
4
4
PC15-OSC32_OUT(5)
I/O
PC15(6)
OSC32_OUT
5
5
OSC_IN
I/O
FT
OSC_IN
PD0(7)
6
6
OSC_OUT
I/O
FT
OSC_OUT
PD1(7)
7
7
NRST
I/O
NRST
-
8
PC0
I/O
PC0
ADC_IN10
-
9
PC1
I/O
PC1
ADC_IN11
-
10
PC2
I/O
PC2
ADC_IN12
-
11
PC3
I/O
PC3
ADC_IN13
812
VSSA
SVSSA
913
VDDA
SVDDA
10
14
PA0-WKUP
I/O
PA0
WKUP/USART2_CTS/
ADC_IN0/
TIM2_CH1_ETR(8)
11
15
PA1
I/O
PA1
USART2_RTS/
ADC_IN1/TIM2_CH2(8)
12
16
PA2
I/O
PA2
USART2_TX/
ADC_IN2/TIM2_CH3(8)
13
17
PA3
I/O
PA3
USART2_RX/
ADC_IN3/TIM2_CH4(8)
-18
VSS_4
SVSS_4
-19
VDD_4
SVDD_4
14
20
PA4
I/O
PA4
SPI1_NSS(8)/ADC_IN4
USART2_CK/
15
21
PA5
I/O
PA5
SPI1_SCK(8)/ADC_IN5
16
22
PA6
I/O
PA6
SPI1_MISO(8)/ADC_IN6/
TIM3_CH1(8)
17
23
PA7
I/O
PA7
SPI1_MOSI(8)/ADC_IN7/
TIM3_CH2(8)
-
24
PC4
I/O
PC4
ADC_IN14
-
25
PC5
I/O
PC5
ADC_IN15
18
26
PB0
I/O
PB0
ADC_IN8/TIM3_CH3(8)
19
27
PB1
I/O
PB1
ADC_IN9/TIM3_CH4(8)
20
28
PB2
I/O
FT
PB2/BOOT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76