Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP467AY/883 Fiches technique(PDF) 16 Page - Analog Devices

No de pièce OP467AY/883
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP467AY/883 Fiches technique(HTML) 16 Page - Analog Devices

Back Button OP467AY/883 Datasheet HTML 8Page - Analog Devices OP467AY/883 Datasheet HTML 9Page - Analog Devices OP467AY/883 Datasheet HTML 10Page - Analog Devices OP467AY/883 Datasheet HTML 11Page - Analog Devices OP467AY/883 Datasheet HTML 12Page - Analog Devices OP467AY/883 Datasheet HTML 13Page - Analog Devices OP467AY/883 Datasheet HTML 14Page - Analog Devices OP467AY/883 Datasheet HTML 15Page - Analog Devices OP467AY/883 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
OP467
REV. C
–16–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Lead Plastic DIP (P Suffix)
(N-14)
PIN 1
0.280 (7.11)
0.240 (6.10)
7
8
14
1
0.210
(5.33)
MAX
0.160 (4.06)
0.115 (2.92)
0.795 (20.19)
0.725 (18.42)
0.022 (0.558)
0.014 (0.36)
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
SEATING
PLANE
0.130
(3.30)
MIN
0.015
(0.381)
MIN
0.325 (8.25)
0.300 (7.62)
0.015 (0.38)
0.008 (0.20)
15
0
16-Lead Wide-Body SOL (S Suffix)
(R-16)
0.0500 (1.27 )
0.0157 (0.40 )
8
0
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.1043 (2.65)
0.0926 (2.35)
0.4133 (10.50)
0.3977 (10.10)
0.0118 (0.30)
0.0040 (0.10)
PIN 1
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
1
20
9
8
0.0291 (0.74 )
0.0098 (0.25 )
45
0.0125 (0.32)
0.0091 (0.23)
SEE
DETAIL
ABOVE
14-Lead Cerdip (Y Suffix)
(Q-14)
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
15
0
0.785 (19.94) MAX
0.200
(5.08)
MAX
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
SEATING
PLANE
0.005 (0.13) MIN
0.098 (2.49) MAX
PIN 1
0.310 (7.87)
0.220 (5.59)
7
8
1
14
20-Terminal Leadless Ceramic Chip Carrier (RC Suffix)
(E-20A)
NO. 1 PIN INDEX
0.040 x 45
(1.02 x 45 )
REF 3 PLCS
0.020 x 45
(0.51 x 45 )
REF
0.050
(1.27)
BSC
0.358 (9.09)
0.32 (8.69)
0.055 (1.40)
0.045 (1.14)
0.100 (2.54)
0.064 (1.63)
0.028 (0.71)
0.022 (0.56)
BOTTOM
VIEW
0.075 (1.91) REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16