| Moteur de recherche de fiches techniques de composants électroniques |
|
OP482GP Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP482GP Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 12 page ![]() OP282/OP482 REV. B –7– OP282 SPICE MACRO MODEL * Node assignments * noninverting input * inverting input * positive supply * negative supply * output * .SUBCKT OP282 1 2 99 50 30 * * INPUT STAGE & POLE AT 15 MHZ * R1 1 3 5E11 R2 2 3 5E11 R3 5 50 3871.3 R4 6 50 3871.3 CIN 1 2 5E-12 C2 5 6 1.37E-12 I1 99 4 0.1E-3 IOS 1 2 5E-13 EOS 7 1 POLY(1) 21 24 200E-6 1 J1 524 JX J2 674 JX * EREF 98 0 24 0 1 * * GAIN STAGE & POLE AT 124 HZ * R5 9 98 1.16E8 C3 9 98 1.11E-11 G1 98 9 5 6 2.58E-4 V2 99 8 1.2 V3 10 50 1.2 D1 98DX D2 10 9 DX * * NEGATIVE ZERO AT 4 MHZ * R6 11 12 1E6 R7 12 98 1 C4 11 12 39.8E-15 E2 11 98 9 24 1E6 * * POLE AT 15 MHZ * R8 13 98 1E6 C5 13 98 10.6E-15 G2 98 13 12 24 1E-6 * * POLE AT 15 MHZ * R9 14 98 1E6 C6 14 98 10.6E-15 G3 98 14 13 24 1E-6 * * POLE AT 15 MHZ * R19 19 98 1E6 C13 19 98 10.6E-15 G11 98 19 14 24 1E-6 * * COMMON-MODE GAIN NETWORK WITH ZERO AT 11 KHZ * R21 20 21 1E6 R22 21 98 1 C14 20 21 14.38E-12 E13 98 20 3 24 31.62 * * POLE AT 15 MHZ * R23 23 98 1E6 C15 23 98 10.6E-15 G15 98 23 19 24 1E-6 * * OUTPUT STAGE * R25 24 99 5E6 R26 24 50 5E6 ISY 99 50 107E-6 R27 29 99 700 R28 29 50 700 L5 29 30 1E-8 G17 27 50 23 29 1.43E-3 G18 28 50 29 23 1.43E-3 G19 29 99 99 23 1.43E-3 G20 50 29 23 50 1.43E-3 V4 25 29 2.8 V5 29 26 3.5 D3 23 25 DX D4 26 23 DX D5 99 27 DX D6 99 28 DX D7 50 27 DY D8 50 28 DY * * MODELS USED * .MODEL JX PJF(BETA = 3.34E-4 VTO = –2.000 IS = 3E-12) .MODEL DX D(IS = 1E-15) .MODEL DY D(IS = 1E-15 BV = 50) .ENDS OP282 |