Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP450GS Fiches technique(PDF) 11 Page - Analog Devices

No de pièce OP450GS
Description  CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP450GS Fiches technique(HTML) 11 Page - Analog Devices

Back Button OP450GS Datasheet HTML 7Page - Analog Devices OP450GS Datasheet HTML 8Page - Analog Devices OP450GS Datasheet HTML 9Page - Analog Devices OP450GS Datasheet HTML 10Page - Analog Devices OP450GS Datasheet HTML 11Page - Analog Devices OP450GS Datasheet HTML 12Page - Analog Devices OP450GS Datasheet HTML 13Page - Analog Devices OP450GS Datasheet HTML 14Page - Analog Devices OP450GS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP250/OP450
REV. 0
–11–
+5V
RX
20
VOUT
VIN
OP250
Figure 28. Output Short-Circuit Protection
Power Dissipation
Although the OPx50 family of amplifiers are able to provide
load currents of up to 250 mA, proper attention should be given
to not exceed the maximum junction temperature for the device.
The equation for finding the junction temperature is given as:
T
JJA
=+
PT
DISS
A
×
θ
(3)
Where
TJ = OPx50 junction temperature
PDISS = OPx50 power dissipation
θ
JA = OPx50 junction-to-ambient thermal resistance of
the package; and
TA = The ambient temperature of the circuit
In any application, the absolute maximum junction temperature
must be limited to +150
°C. If this junction temperature is ex-
ceeded, the device could suffer premature failure. If the output
voltage and output current are in phase, for example, with a
purely resistive load, the power dissipated by the OPx50 can be
found as:
P
DISS =×
−
()
IV
V
LOAD
SY
OUT
(4)
Where
ILOAD = OPx50 output load current
VSY = OPx50 supply voltage; and
VOUT = The output voltage
By calculating the power dissipation of the device and using the
thermal resistance value for a given package type, the maximum
allowable ambient temperature for an application can be found
using Equation 3.
Overdrive Recovery
The overdrive, or overload, recovery time of an amplifier is the
time required for the output voltage to return to a rated output
voltage from a saturated condition. This recovery time can be
important in applications where the amplifier must recover
quickly after a large transient event. The circuit in Figure 29
was used to evaluate the recovery time for the OPx50. Figures
30 and 31 show the overload recovery of the OP250 from the
positive and negative rails. It takes approximately 0.5 ms for the
amplifier to recover from output overload.
OP250
10k
9k
1k
1VP–P
VIN
VOUT
Figure 29. Overload Recovery Time Test Circuit
1µs
500mV
Figure 30. Saturation Recovery from the Positive Rail
1µs
500mV
Figure 31. Saturation Recovery from the Negative Rail
Capacitive Loading
The OPx50 family of amplifiers is well suited to driving capaci-
tive loads. The device will remain stable at unity gain even un-
der heavy capacitive load conditions. However, a capacitive load
does not come without a penalty in bandwidth. Figure 32 shows
a graph of the OPx50 unity-gain bandwidth under various ca-
pacitive loads.
CAPACITIVE LOAD – nF
1.0
0.8
0
01k
1
10
100
0.6
0.4
0.2
VS = 2.5V
RL = 10k
TA = +25 C
Figure 32. Unity-Gain Bandwidth vs. Capacitive Load
As with any amplifier, an increase in capacitive load will also re-
sult in an increase in overshoot and ringing. To improve the
output response, a series R-C network, known as a snubber, can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16