Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP176GBC Fiches technique(PDF) 21 Page - Analog Devices

No de pièce OP176GBC
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP176GBC Fiches technique(HTML) 21 Page - Analog Devices

Back Button OP176GBC Datasheet HTML 13Page - Analog Devices OP176GBC Datasheet HTML 14Page - Analog Devices OP176GBC Datasheet HTML 15Page - Analog Devices OP176GBC Datasheet HTML 16Page - Analog Devices OP176GBC Datasheet HTML 17Page - Analog Devices OP176GBC Datasheet HTML 18Page - Analog Devices OP176GBC Datasheet HTML 19Page - Analog Devices OP176GBC Datasheet HTML 20Page - Analog Devices OP176GBC Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
OP176
REV. 0
–21–
FOR CATALOG
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option*
OP176GP
–40
°C to +85°C
8-Pin Plastic DIP
N-8
OP176GS
–40
°C to +85°C
8-Pin SOIC
SO-8
OP176GSR
–40
°C to +85°C
SO-8 Reel, 2500 Pieces
OP176GBC
+25
°C
DICE
*For outline information see Package Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21