Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP176GS Fiches technique(PDF) 17 Page - Analog Devices

No de pièce OP176GS
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP176GS Fiches technique(HTML) 17 Page - Analog Devices

Back Button OP176GS Datasheet HTML 13Page - Analog Devices OP176GS Datasheet HTML 14Page - Analog Devices OP176GS Datasheet HTML 15Page - Analog Devices OP176GS Datasheet HTML 16Page - Analog Devices OP176GS Datasheet HTML 17Page - Analog Devices OP176GS Datasheet HTML 18Page - Analog Devices OP176GS Datasheet HTML 19Page - Analog Devices OP176GS Datasheet HTML 20Page - Analog Devices OP176GS Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
OP176
REV. 0
–17–
Figure 47. OP176 Spice Model Schematic
35
10
11
VN1
VN2
DN1
DN2
12
13
14
VN3
VN4
DN3
DN4
15
16
17
VN5
VN6
DN5
DN6
CN1
C1
EM
R4
C2
5
6
Q1
Q2
3
7
8
9
R3
36
D2
D1
CIN
2
1
–IN
+IN
IOS
R5
R6
4
I1
EP
97
EN
EOS
98
98
CM1
CM2
ISY
R15
V5
D8
G9
R16
G8
R17
V4
D7
R18
27
G5
R14
C8
C9
D6
D5
99
28
30
29
F1
31
32
33
D10
G7
G6
D9
50
98
F2
34
L2
G
1
R
7
21
C
3
V
3
97
51
D
4
20
G
2
R
8
C
4
R
9
23
G
3
R
10
C
5
24
G
4
R
11
C
6
V
2
D
3
19
26
E
2
R
13
25
R
12
C7
98
22
98
E
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21