Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAT01 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce MAT01
Description  Matched Monolithic Dual Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

MAT01 Fiches technique(HTML) 7 Page - Analog Devices

  MAT01 Datasheet HTML 1Page - Analog Devices MAT01 Datasheet HTML 2Page - Analog Devices MAT01 Datasheet HTML 3Page - Analog Devices MAT01 Datasheet HTML 4Page - Analog Devices MAT01 Datasheet HTML 5Page - Analog Devices MAT01 Datasheet HTML 6Page - Analog Devices MAT01 Datasheet HTML 7Page - Analog Devices MAT01 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MAT01
–7–
REV. A
APPLICATION NOTES
Application of reverse bias voltages to the emitter-base junctions
in excess of ratings (5 V) may result in degradation of hFE and
hFE matching characteristics. Circuit designs should be checked
to ensure that reverse bias voltages above 5 V cannot be applied
during such transient conditions as at circuit turn-on and
turn-off.
Stray thermoelectric voltages generated by dissimilar metals at
the contacts to the input terminals can prevent realization of the
predicted drift performance. Both input terminals should be
maintained at the same temperature, preferably close to the tem-
perature of the device’s package.
TYPICAL APPLICATIONS
Figure 12. Precision Reference
Figure 13. Basic Digital Thermometer Readout in
Degrees Kelvin (
°K)
Figure 14. Precision Operational Amplifiers
Figure 15. Digital Thermometer with Readout in
°C



Html Pages

1 2 3 4 5 6 7 8