Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3USB3000RLSR Fiches technique(PDF) 18 Page - Texas Instruments

No de pièce TS3USB3000RLSR
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3USB3000RLSR Fiches technique(HTML) 18 Page - Texas Instruments

Back Button TS3USB3000RLSR Datasheet HTML 14Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 15Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 16Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 17Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 18Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 19Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 20Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 21Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TS3USB3000RSER
UQFN
RSE
10
3000
179.0
8.4
1.75
2.25
0.65
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Dec-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22