| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV321IDBVT Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321IDBVT Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 45 page ![]() LMV321 SINGLE, LMV358 DUAL LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN SLOS263U – AUGUST 1999 – REVISED JULY 2012 www.ti.com Absolute Maximum Ratings (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage(2) 5.5 V VID Differential input voltage(3) ±5.5 V VI Input voltage range (either input) –0.2 5.5 V At or below TA = 25°C, Duration of output short circuit (one amplifier) to ground(4) Unlimited VCC ≤ 5.5 V 8 pin 97 D package 14 pin 86 16 pin 73 DBV package 5 pin 206 DCK package 5 pin 252 θJA Package thermal impedance(5) (6) °C/W DDU package 8 pin 210 DGK package 8 pin 172 8 pin 149 PW package 14 pin 113 16 pin 108 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND. (3) Differential voltages are at IN+ with respect to IN–. (4) Short circuits from outputs to VCC can cause excessive heating and eventual destruction. (5) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (6) The package thermal impedance is calculated in accordance with JESD 51-7. Recommended Operating Conditions (1) MIN MAX UNIT VCC Supply voltage (single-supply operation) 2.7 5.5 V VCC = 2.7 V 1.7 VIH Amplifier turn-on voltage level (LMV324S)(2) V VCC = 5 V 3.5 VCC = 2.7 V 0.7 VIL Amplifier turn-off voltage level (LMV324S) V VCC = 5 V 1.5 I temperature (LMV321, –40 125 LMV358, LMV324) TA Operating free-air temperature I temperature (LMV324S, °C -40 85 LMV321IDCK) Q temperature –40 125 (1) All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. (2) VIH should not be allowed to exceed VCC. 4 Submit Documentation Feedback Copyright © 1999–2012, Texas Instruments Incorporated |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |