| Moteur de recherche de fiches techniques de composants électroniques |
|
CMP402 Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
CMP402 Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 8 page ![]() REV. A –5– Typical Performance Characteristics–CMP401/CMP402 OVERDRIVE – mV 40 35 0 010 50 20 30 40 20 15 10 5 30 25 +PDELAY –PDELAY +VAN = +VDIG = 5V –VAN = 0V TO –5V RS 50 , CL = 15pF TA = 25 C TPC 1. CMP401 Propagation Delay vs. Overdrive TEMPERATURE – C 90 30 –50 –25 125 0 255075 100 80 70 60 50 40 +VAN = +VDIG = 5V –VAN = 0V TO –5V RS 50 , CL = 15pF +PDELAY –PDELAY TPC 4. CMP402 Propagation Delay vs. Temperature – 5 mV OD SOURCE RESISTANCE – 90 80 0 10 100 100k 1k 10k 40 30 20 10 70 60 50 +VAN = +VDIG = +V –VAN = 0V TO –5V TA = 25 C +PDELAY –PDELAY TPC 7. CMP401 Propagation Delay vs. Source Resistance – 20 mV OD OVERDRIVE – mV 110 90 20 010 50 20 30 40 60 50 40 30 80 70 +VAN = +VDIG = 5V –VAN = 0V TO –5V RS 50 , CL = 15pF TA = 25 C +PDELAY –PDELAY TPC 2. CMP402 Propagation Delay vs. Overdrive TEMPERATURE – C 30 0 –50 –25 125 0 255075 100 25 20 15 10 5 +VAN = +VDIG = +5V –VAN = 0V TO –5V RS 50 , CL = 15pF +PDELAY –PDELAY TPC 5. CMP401 Propagation Delay vs. Temperature – 20 mV OD SOURCE RESISTANCE – 120 100 0 10 100 100k 1k 10k 80 60 40 20 +VAN = +VDIG = 5V –VAN = 0V TO –5V TA = 25 C +PDELAY –PDELAY TPC 8. CMP402 Propagation Delay vs. Source Resistance – 20 mV OD TEMPERATURE – C 40 10 –50 –25 125 0 255075 100 35 30 25 20 15 +PDELAY –PDELAY +VAN = +VDIG = 5V –VAN = 0V TO –5V RS 50 , CL = 15pF TPC 3. CMP401 Propagation Delay vs. Temperature – 5 mV OD TEMPERATURE – C 60 0 –50 –25 125 0 255075 100 50 40 30 20 10 +VAN = +VDIG = 5V –VAN = 0V TO –5V RS 50 , CL = 15pF +PDELAY –PDELAY TPC 6. CMP402 Propagation Delay vs. Temperature – 20 mV OD POSITIVE SUPPLY VOLTAGE – V 80 70 0 02 6 34 5 40 30 20 10 60 50 +VAN = +VDIG –VAN = 0V TO –5V RS 50 , CL = 15pF TA = 25 C +PDELAY –PDELAY TPC 9. CMP401 Propagation Delay vs. Supply Voltage – 20 mV OD |