Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7150LS85 Fiches technique(PDF) 24 Page - Analog Devices

No de pièce ADV7150LS85
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS85 Fiches technique(HTML) 24 Page - Analog Devices

Back Button ADV7150LS85 Datasheet HTML 20Page - Analog Devices ADV7150LS85 Datasheet HTML 21Page - Analog Devices ADV7150LS85 Datasheet HTML 22Page - Analog Devices ADV7150LS85 Datasheet HTML 23Page - Analog Devices ADV7150LS85 Datasheet HTML 24Page - Analog Devices ADV7150LS85 Datasheet HTML 25Page - Analog Devices ADV7150LS85 Datasheet HTML 26Page - Analog Devices ADV7150LS85 Datasheet HTML 27Page - Analog Devices ADV7150LS85 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADV7150
–24–
REV. A
DIGITAL-TO-ANALOG CONVERTERS
(DACS) AND VIDEO OUTPUTS
The ADV7150 contains three high speed video DACs. The
DAC outputs are represented as the three primary analog color
signals IOR (red video), IOG (green video) and IOB (blue video).
Other analog signals on the part include IPLL and VREF as well as
complementary video outputs IOR, IOG, IOB. These comple-
mentary outputs can be used to drive differentially terminated
video loads, they will have equal but opposite output levels to
IOR, IOG and IOB when loaded with a resistive load similar to
IOR, IOG and IOB.
DACs and Analog Outputs
The part contains three matched 10-bit digital-to-analog con-
verters. The DACs are designed using an advanced, high speed,
segmented architecture. The bit currents corresponding to each
digital input are routed to either IOR, IOG, IOB (bit = “l”) or
IOR
, IOG, IOB (bit = “0”). (Normally IOR, IOG, IOB = GND.)
The analog video outputs are high impedance current sources.
Each of the these three RGB current outputs are specified to
directly drive a 37.5
Ω load (doubly terminated 75 Ω).
DACs
IOR, IOG, IOB
ZO = 75Ω
ZS = 75Ω
(SOURCE
TERMINATION)
ZL = 75Ω
(MONITOR)
(CABLE)
Figure 29. DAC Output Termination (Doubly Terminated
75
Ω Load)
Reference Input and RSET
An external 1.23 V voltage reference is required to drive the
analog outputs of the ADV7150. The reference voltage is con-
nected to the VREF input.
A resistor RSET is connected between the RSET input of the part
and ground. For specified performance, RSET has a value of
280
Ω. This corresponds to the generation of RS-343A video
levels (with SYNC on IOG and Pedestal = 7.5 IRE) into a dou-
bly terminated 75
Ω load. Figure 30 illustrates the resulting
video waveform, and the Video Output Truth Table shows the
corresponding control input stimuli.
WHITE
LEVEL
IOR, IOB
IOG
mA
mA
V
V
26.67
1.000
0.714
19.05
00
00
7.62
0.286
BLANK
LEVEL
SYNC
LEVEL
92.5 IRE
7.5 IRE
40 IRE
BLACK
LEVEL
1.44
0.054
9.05
0.340
Figure 30. Composite Video Waveform (SYNC Decoded
on IOG; Pedestal = 7.5 IRE; RSET = 280 Ω)
Variations on RS-343A
Various other video output configurations can be implemented
by the ADV7150, including RS-170. Values of RSET for particu-
lar output video formats/levels are calculated by using the equa-
tions for RSET given in the “Pin Configuration” section. The
table shows calculated values of RSET for some of the most com-
mon variants on the RS-343A standard. The associated wave-
forms are shown in the diagrams.
Table V. Video Output Truth Table
IOG
IOR, IOB
DAC
Description
(mA)
(mA)
SYNC
BLANK
Input Data
WHITE LEVEL
26.67
19.05
1
1
3FFH
VIDEO
Video + 9.05
Video + 1.44
1
1
Data
VIDEO to BLANK
Video + 1.44
Video + 1.44
0
1
Data
BLACK LEVEL
9.05
1.44
1
1
000H
BLACK to BLANK
1.44
1.44
0
1
000H
BLANK
LEVEL
7.62
0
1
0
xxxH
SYNC
LEVEL
0
0
0
0
xxxH
Decoded on IOG; Pedestal = 0 IRE; RSET = 265 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36