Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HVM5 Fiches technique(PDF) 3 Page - Rectron Semiconductor

No de pièce HVM5
Description  HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HVM5 Fiches technique(HTML) 3 Page - Rectron Semiconductor

  HVM5_13 Datasheet HTML 1Page - Rectron Semiconductor HVM5_13 Datasheet HTML 2Page - Rectron Semiconductor HVM5_13 Datasheet HTML 3Page - Rectron Semiconductor HVM5_13 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RECTRON
Attachment information about HVMXX
1. Internal Circuit
Cathode
2. Marking on the body
-------------
Cathode Band
-------------
4. Items marked on the carton
CUSTOMER
TYPE
QUANTITY
LOT NO.
REMARK
Anode
H V M X X
Rectron Logo
Part No.
Voltage-code
5-------5000V
14-------14000V
8-------8000V
15-------15000V
10----10000V
16-------16000V
12----12000V



Html Pages

1 2 3 4