| Moteur de recherche de fiches techniques de composants électroniques |
|
ADV601LCJST Fiches technique(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV601LCJST Fiches technique(HTML) 33 Page - Analog Devices |
|
33 / 44 page ![]() ADV601LC –33– REV. 0 CCIR-656 Video Format Timing The diagrams in this section show transfer timing for pixel (YCrCb), line (horizontal), and frame (vertical) data in CCIR-656 video mode. All output values assume a maximum pin loading of 50 pF. Note that in timing diagrams for CCIR-656 video, the label CTRL indicates the VSYNC, HSYNC, and FIELD pins. Table XXI. CCIR-656 Video—Decode Pixel (YCrCb) Timing Parameters Parameter Description Min Max Units tVDATA_DC_D VDATA Signals, Decode CCIR-656 Mode, Delay N/A 14 ns tVDATA_DC_OH VDATA Signals, Decode CCIR-656 Mode, Output Hold 4 N/A ns tCTRL_DC_D CTRL Signals, Decode CCIR-656 Mode, Delay N/A 11 ns tCTRL_DC_OH CTRL Signals, Decode CCIR-656 Mode, Output Hold 5 N/A ns (O) CTRL (O) VCLKO t CTRL_DC_OH (O) VDATA t VDATA_DC_OH t VDATA_DC_D VALID VALID VALID t CTRL_DC_D VALID VALID VALID Figure 20. CCIR-656 Video—Decode Pixel (YCrCb) Transfer Timing Table XXII. CCIR-656 Video—Encode Pixel (YCrCb) Timing Parameters Parameter Description Min Max Units tVDATA_EC_S VDATA Bus, Encode CCIR-656 Mode, Setup 2 N/A ns tVDATA_EC_H VDATA Bus, Encode CCIR-656 Mode, Hold 5 N/A ns tCTRL_EC_D CTRL Signals, Encode CCIR-656 Mode, Delay N/A 33 ns tCTRL_EC_OH CTRL Signals, Encode CCIR-656 Mode, Output Hold 20 N/A ns t VDATA_EC_H (O) CTRL (I) VCLK (I) VDATA ASSERTED VALID ASSERTED VALID t VDATA_EC_S t CTRL_EC_D t CTRL_EC_OH Figure 21. CCIR-656 Video—Encode Pixel (YCrCb) Transfer Timing (I) VCLK (O) VCLKO (VCLK2 = 0) (I) VCLKO (VCLK2 = 1) t VCLK_CYC t VCLKO_D0 t VCLKO_D1 NOTE: USE VCLK FOR CLOCKING VIDEO-ENCODE OPERATIONS AND USE VCLKO FOR CLOCKING VIDEO-DECODE OPERATIONS. DO NOT TRY TO USE EITHER CLOCK FOR BOTH ENCODE AND DECODE. Figure 19. Video Clock Timing |