| Moteur de recherche de fiches techniques de composants électroniques |
|
LBA126STR Fiches technique(PDF) 4 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
LBA126STR Fiches technique(HTML) 4 Page - IXYS Corporation |
|
4 / 9 page ![]() INTEGRATED CIRCUITS DIVISION www.ixysic.com 4 R04 LBA126 *The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department. Form-A PERFORMANCE DATA @25ºC (Unless Otherwise Noted)* Form-A Typical Turn-On Time vs. LED Forward Current (I L=170mADC) LED Forward Current (mA) 0 5 1015202530354045 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 50 Form A Typical Turn-Off Time vs. LED Forward Current (I L=170mADC) Forward Current (mA) 0 5 1015202530354045 0.41 0.40 0.39 0.38 0.37 0.36 0.35 0.34 50 Form-A Typical I F for Switch Operation vs. Temperature (I L=170mADC) Temperature (ºC) -40 2.5 2.0 1.5 1.0 0.5 0 -20 0 20 40 60 80 100 Form-A Typical I F for Switch Dropout vs. Temperature (I L=170mADC) Temperature (ºC) -40 2.5 2.0 1.5 1.0 0.5 0 -20 0 20 40 60 80 100 Form-A Typical Turn-On Time vs. Temperature (I L=170mADC) Temperature (ºC) I F=5mA I F=10mA I F=20mA -40 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -20 0 20 40 60 80 100 Form-A Typical Turn-Off Time vs. Temperature (I F=5mA, IL=170mADC) Temperature (ºC) -40 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -20 0 20 40 60 80 100 Form-A Typical On-Resistance vs. Temperature (I F=5mA, IL=170mADC) Temperature (ºC) -40 60 50 40 30 20 10 0 -20 0 20 40 60 80 100 Form-A Typical Load Current vs. Load Voltage (I F=5mA) Load Voltage (V) 200 150 100 50 0 -50 -100 -150 -200 -2.5 -2.0 -1.5 -1.0 -0.5 0 0.5 1.0 1.5 2.0 2.5 Form-A Maximum Load Current vs. Temperature Temperature (ºC) 250 200 150 100 50 0 -40 -20 0 20 40 60 80 120 100 I F=20mA I F=10mA I F=5mA Form-A Typical Blocking Voltage vs. Temperature Temperature (ºC) -40 350 345 340 335 330 325 320 315 -20 0 20 40 60 80 100 Form-A Typical Leakage vs. Temperature Measured across Pins 5&6 Temperature (ºC) -40 0.025 0.020 0.015 0.010 0.005 0 -20 0 20 40 60 80 100 Energy Rating Curve Time 10 s 1.2 1.0 0.8 0.6 0.4 0.2 0 1ms 100ms 10s 100 s 10ms 1s 100s |